Part Number Hot Search : 
31ACD UDA1361 IRF6721 TC1920 12500 NZH27C D1162 Z10CP
Product Description
Full Text Search
 

To Download AD5428 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface AD5429/AD5439/AD5449
FEATURES
10 MHz multiplying bandwidth 50 MHz serial interface 2.5 V to 5.5 V supply operation 10 V reference input Pin compatible 8-, 10-, and 12-bit DACs Extended temperature range: -40C to +125C 16-lead TSSOP package Guaranteed monotonic Power-on reset Daisy-chain mode Readback function 0.5 A typical current consumption
FUNCTIONAL BLOCK DIAGRAM
VREFA
AD5429/AD5439/AD5449
VDD SYNC SCLK SDIN SDO CLR INPUT REGISTER LDAC DAC REGISTER SHIFT REGISTER INPUT REGISTER DAC REGISTER 8-/10-/12-BIT R-2R DAC A
RFB R RFBA IOUT1A IOUT2A
POWER-ON RESET
8-/10-/12-BIT R-2R DAC B
IOUT1B IOUT2B RFBB
04464-0-001
RFB R LDAC VREFB
Figure 1.
APPLICATIONS
Portable battery-powered applications Waveform generators Analog processing Instrumentation applications Programmable amplifiers and attenuators Digitally controlled calibration Programmable filters and oscillators Composite video Ultrasound Gain, offset, and voltage trimming
GENERAL DESCRIPTION
The AD5429/AD5439/AD54491 are CMOS 8-, 10-, and 12-bit dual-channel current output digital-to-analog converters, respectively. These devices operate from a 2.5 V to 5.5 V power supply, making them suited to battery-powered and other applications. The applied external reference input voltage (VREF) determines the full-scale output current. An integrated feedback resistor (RFB) provides temperature tracking and full-scale voltage output when combined with an external current-to-voltage precision amplifier. These DACs utilize a double-buffered, 3-wire serial interface that is compatible with SPI(R), QSPITM, MICROWIRETM, and most DSP interface standards. In addition, a serial data out pin (SDO) allows daisy-chaining when multiple packages are used. Data readback allows the user to read the contents of the DAC register via the SDO pin. On power-up, the internal shift register and latches are filled with zeros and the DAC outputs are at zero scale. As a result of manufacture on a CMOS submicron process, these parts offer excellent 4-quadrant multiplication characteristics, with large signal multiplying bandwidths of 10 MHz. The AD5429/AD5439/AD5449 DAC are available in 16-lead TSSOP packages.
1
US Patent Number 5,689,257.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
AD5429/AD5439/AD5449 TABLE OF CONTENTS
Specifications..................................................................................... 3 Timing Characteristics..................................................................... 5 Absolute Maximum Ratings............................................................ 7 ESD Caution.................................................................................. 7 Pin Configuration and Function Descriptions............................. 8 Terminology ...................................................................................... 9 Typical Performance Characteristics ........................................... 10 General Description ....................................................................... 15 Unipolar Mode............................................................................ 15 Bipolar Operation....................................................................... 16 Stability ........................................................................................ 16 Single-Supply Applications........................................................ 17 Positive Output Voltage ............................................................. 17 Adding Gain................................................................................ 18 Divider or Programmable Gain Element ................................ 18 Reference Selection .................................................................... 19 Amplifier Selection .................................................................... 19 Serial Interface ................................................................................ 20 Microprocessor Interfacing....................................................... 22 PCB Layout and Power Supply Decoupling................................ 24 Power Supplies for the Evaluation Board................................ 24 Evaluation Board for the DACs................................................ 24 Overview of AD54xx Devices....................................................... 28 Outline Dimensions ....................................................................... 29 Ordering Guide .......................................................................... 29
REVISION HISTORY
7/04--Revision 0: Initial Version
Rev. 0 | Page 2 of 32
AD5429/AD5439/AD5449 SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUT2A, IOUT2B = 0 V. All specifications TMIN to TMAX, unless otherwise noted. DC performance measured with OP1177, ac performance with AD9631, unless otherwise noted. Temperature range for Y version is -40C to +125C. Table 1.
Parameter STATIC PERFORMANCE AD5429 Resolution Relative Accuracy Differential Nonlinearity AD5439 Resolution Relative Accuracy Differential Nonlinearity AD5449 Resolution Relative Accuracy Differential Nonlinearity Gain Error Gain Error Temp Coefficient1 Output Leakage Current REFERENCE INPUT1 Reference Input Range VREFA,VREFB Input Resistance VREFA/B Input Resistance Mismatch DIGITAL INPUTS/OUTPUT1 Input High Voltage, VIH Input Low Voltage, VIL Input Leakage Current, IIL Input Capacitance VDD = 4.5 V to 5.5 V Output Low Voltage, VOL Output High Voltage, VOH VDD = 2.5 V to 3.6 V Output Low Voltage, VOL Output High Voltage, VOH DYNAMIC PERFORMANCE1 Reference Multiplying BW Output Voltage Settling Time AD5429 AD5439 AD5449 Digital Delay Digital-to-Analog Glitch Impulse Multiplying Feedthrough Error Min Typ Max Unit Conditions
8 0.5 1 10 0.5 1 12 1 -1/+2 10 5 5 10 10 10 1.6
Bits LSB LSB Bits LSB LSB Bits LSB LSB mV ppm FSR/C nA nA V k % VDD = 2.5 V to 5.5 V VDD = 2.7 V to 5.5 V VDD = 2.5 V to 2.7 V
Guaranteed monotonic
Guaranteed monotonic
Guaranteed monotonic
Data = 0000H, TA = 25C, IOUT1 Data = 0000H, IOUT1 Typical resistor TC = -50 ppm/C DAC input resistance Typ = 25C, max = 125C
8
12 2.5 V V V A pF V V V V 10
1.7 0.8 0.7 1 10 0.4 VDD - 1 0.4 VDD - 0.5
ISINK = 200 A ISOURCE = 200 A ISINK = 200 A ISOURCE = 200 A MHz VREF = 5 V p-p, DAC loaded all 1s Measured to 4 mV of FS, RLOAD = 100 , CLOAD = 0s DAC latch alternately loaded with 0s and 1s RLOAD = 100 , CLOAD = 15 pF 1 LSB change around major carry, VREF = 0 V DAC latch loaded with all 0s, reference = 10 kHz
50 55 90 20 3
100 110 160 40
ns ns ns ns nV-s dB
-75
Rev. 0 | Page 3 of 32
AD5429/AD5439/AD5449
Parameter Output Capacitance Digital Feedthrough Total Harmonic Distortion Min Typ Max 2 4 Unit pF pF nV-s dB dB nV/Hz Conditions DAC latches loaded with all 0s DAC latches loaded with all 1s Feedthrough to DAC output with CS high and alternate loading of all 0s and all 1s VREF = 5 V p-p, all 1s loaded, f = 1 kHz VREF = 5 V, sine wave generated from digital code @ 1 kHz AD5449, 65 k codes, VREF = 3.5 V
5 -75 -75 25
Output Noise Spectral Density SFDR PERFORMANCE (Wideband) Clock = 10 MHz 500 kHz fout 100 kHz fout 50 kHz fout Clock = 25 MHz 500 kHz fout 100 kHz fout 50 kHz fout SFDR PERFORMANCE (Narrow Band) Clock = 10 MHz 500 kHz fout 100 kHz fout 50 kHz fout Clock = 25 MHz 500 kHz fout 100 kHz fout 50 kHz fout INTERMODULATION DISTORTION Clock = 10 MHz f1 = 400 kHz, f2 = 500 kHz f1 = 40 kHz, f2 = 50 kHz Clock = 25 MHz f1 = 400 kHz, f2 = 500 kHz f1 = 40 kHz, f2 = 50 kHz POWER REQUIREMENTS Power Supply Range IDD Power Supply Sensitivity1
1
55 63 65 50 60 62
dB dB dB dB dB dB AD5449, 65 k codes, VREF = 3.5 V
73 80 87 70 75 80
dB dB dB dB dB dB AD5449, 65 k codes, VREF = 3.5 V
65 72 51 65 2.5 5.5 10 0.001
dB dB dB dB V A %/%
Logic inputs = 0 V or VDD VDD = 5%
Guaranteed by design and characterization, not subject to production test.
Rev. 0 | Page 4 of 32
AD5429/AD5439/AD5449 TIMING CHARACTERISTICS
VDD = 2.5 V to 5.5 V, VREF = 5 V, IOUT2 = 0 V. All specifications TMIN to TMAX, unless otherwise noted. See Figure 2 and Figure 3. Temperature range for Y version is -40C to +125C. Guaranteed by design and characterization, not subject to production test. All input signals are specified with tr = tf = ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. Table 2.
Parameter fSCLK t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t122 Limit at TMIN, TMAX 50 20 8 8 13 5 4 5 30 0 12 10 25 60 Unit MHz max ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min Conditions/Comments1 Max clock frequency SCLK cycle time SCLK high time SCLK low time SYNC falling edge to SCLK falling edge setup time Data setup time Data hold time SYNC rising edge to SCLK falling edge Minimum SYNC high time SCLK falling edge to LDAC falling edge LDAC pulse width SCLK falling edge to LDAC rising edge SCLK active edge to SDO valid, strong SDO driver SCLK active edge to SDO valid, weak SDO driver
1 2
Falling or rising edge as determined by the control bits of the serial word. Strong or weak SDO driver selected via the control register. Daisy-chain and readback modes cannot operate at maximum clock frequency. SDO timing specifications are measured with a load circuit, as shown in Figure 4.
Rev. 0 | Page 5 of 32
AD5429/AD5439/AD5449
t1
SCLK
t8
SYNC
t4
t2
t3 t7
t6 t5
DIN DB15 DB0
t9
LDAC1
t10
t11
LDAC2
ALTERNATIVELY, DATA CAN BE CLOCKED INTO INPUT SHIFT REGISTER ON RISING EDGE OF SCLK AS DETERMINED BY CONTROL BITS. TIMING AS ABOVE, WITH SCLK INVERTED.
Figure 2. Standalone Mode Timing Diagram
t1
SCLK
t4
SYNC
t2
t3
t7
t6 t5
SDIN DB15 (N) DB0 (N) DB15 (N+1) DB0 (N+1)
t8
t12
SDO DB15 (N) DB0 (N)
04464-0-003
ALTERNATIVELY, DATA CAN BE CLOCKED INTO INPUT SHIFT REGISTER ON RISING EDGE OF SCLK AS DETERMINED BY CONTROL BITS. IN THIS CASE, DATA WOULD BE CLOCKED OUT OF SDO ON FALLING EDGE OF SCLK. TIMING AS ABOVE, WITH SCLK INVERTED.
Figure 3. Daisy-Chain and Readback Modes Timing Diagram
200A
IOL
TO OUTPUT PIN
VOH (MIN) + VOL (MAX) CL 50pF 200A IOH 2
04464-0-004
Figure 4. Load Circuit for SDO Timing Specifications
Rev. 0 | Page 6 of 32
04464-0-002
NOTES 1ASYNCHRONOUS LDAC UPDATE MODE 2SYNCHRONOUS LDAC UPDATE MODE
AD5429/AD5439/AD5449 ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter VDD to GND VREF, RFB to GND IOUT1, IOUT2 to GND Input Current to Any Pin except Supplies Logic Inputs and Output1 Operating Temperature Range Extended (Y Version) Storage Temperature Range Junction Temperature 16-Lead TSSOP JA Thermal Impedance Lead Temperature, Soldering (10 s) IR Reflow, Peak Temperature (< 20 s)
1
Rating -0.3 V to +7 V -12 V to +12 V -0.3 V to +7 V 10 mA -0.3 V to VDD + 0.3 V -40C to +125C -65C to +150C 150C 150C/W 300C 235C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. Transient currents of up to 100 mA do not cause SCR latch-up. TA = 25C unless otherwise noted.
Overvoltages at SCLK, SYNC, and DIN are clamped by internal diodes. Current should be limited to the maximum ratings given.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. 0 | Page 7 of 32
AD5429/AD5439/AD5449 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IOUT1A 1 IOUT2A RFBA VREFA GND LDAC SCLK SDIN
2 3 4 5 6 7 8 16 15
IOUT1B IOUT2B RFBB VREFB VDD CLR SYNC
04464-0-005
AD5429/ AD5439/ AD5449
TOP VIEW (Not to Scale)
14 13 12 11 10 9
SDO
NC = NO CONNECT
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin No. 1 2 3 4 5 6 Mnemonic IOUT1A IOUT2A RFBA VREFA GND LDAC Function DAC A Current Output. DAC A Analog Ground. This pin should typically be tied to the analog ground of the system, but can be biased to achieve single-supply operation. DAC Feedback Resistor Pin. Establish voltage output for the DAC by connecting to an external amplifier output. DAC A Reference Voltage Input Pin. Ground Pin. Load DAC Input. Allows asynchronous or synchronous updates to the DAC output. The DAC is asynchronously updated when this signal goes low. Alternatively, if this line is held permanently low, an automatic or synchronous update mode is selected whereby the DAC is updated on the 16th clock falling edge when the device is in standalone mode, or on the rising edge of SYNC when in daisy-chain mode. Serial Clock Input. By default, data is clocked into the input shift register on the falling edge of the serial clock input. Alternatively, by means of the serial control bits, the device can be configured such that data is clocked into the shift register on the rising edge of SCLK. Serial Data Input. Data is clocked into the 16-bit input register on the active edge of the serial clock input. By default, on power-up, data is clocked into the shift register on the falling edge of SCLK. The control bits allow the user to change the active edge to rising edge. Serial Data Output. This allows a number of parts to be daisy-chained. By default, data is clocked into the shift register on the falling edge and out via SDO on the rising edge of SCLK. Data is always clocked out on the alternate edge to loading data to the shift register. Writing the readback control word to the shift register makes the DAC register contents available for readback on the SDO pin, clocked out on the next 16 opposite clock edges to the active clock edge. Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it powers on the SCLK and DIN buffers, and the input shift register is enabled. Data is loaded to the shift register on the active edge of the following clocks. In standalone mode, the serial interface counts clocks, and data is latched to the shift register on the16th active clock edge. Active Low Control Input. This pin clears the DAC output, input, and DAC registers. Configuration mode allows the user to enable the hardware CLR pin as a clear to zero scale or midscale as required. Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V. DAC B Reference Voltage Input Pin. DAC B Feedback Resistor Pin. Establish voltage output for the DAC by connecting to an external amplifier output. DAC B Analog Ground. This pin typically should be tied to the analog ground of the system, but can be biased to achieve single-supply operation. DAC B Current Output.
7
SCLK
8
SDIN
9
SDO
10
SYNC
11 12 13 14 15 16
CLR VDD VREFB RFBB IOUT2B IOUT1B
Rev. 0 | Page 8 of 32
AD5429/AD5439/AD5449 TERMINOLOGY
Relative Accuracy Relative accuracy or endpoint nonlinearity is a measure of the maximum deviation from a straight line passing through the endpoints of the DAC transfer function. It is measured after adjusting for zero and full scale and is typically expressed in LSBs or as a percentage of full-scale reading. Differential Nonlinearity Differential nonlinearity is the difference between the measured change and the ideal 1 LSB change between any two adjacent codes. A specified differential nonlinearity of 1 LSB maximum over the operating temperature range ensures monotonicity. Gain Error Gain error or full-scale error is a measure of the output error between an ideal DAC and the actual device output. For these DACs, ideal maximum output is VREF - 1 LSB. Gain error of the DACs is adjustable to zero with external resistance. Output Leakage Current Output leakage current is current that flows in the DAC ladder switches when these are turned off. For the IOUT1 terminal, it can be measured by loading all 0s to the DAC and measuring the IOUT1 current. Minimum current flows in the IOUT2 line when the DAC is loaded with all 1s. Output Capacitance Capacitance from IOUT1 or IOUT2 to AGND. Output Current Settling Time The amount of time needed for the output to settle to a specified level for a full-scale input change. For these devices, it is specified with a 100 resistor to ground. Digital-to-Analog Glitch lmpulse The amount of charge injected from the digital inputs to the analog output when the inputs change state. This is normally specified as the area of the glitch in either pA-s or nV-s, depending upon whether the glitch is measured as a current or voltage signal. Digital Feedthrough When the device is not selected, high frequency logic activity on the device digital inputs is capacitively coupled through the device to show up as noise on the IOUT pins and subsequently into the following circuitry. This noise is digital feedthrough. Multiplying Feedthrough Error The error due to capacitive feedthrough from the DAC reference input to the DAC IOUT1 terminal, when all 0s are loaded to the DAC. Digital Crosstalk The glitch impulse transferred to the outputs of one DAC in response to a full-scale code change (all 0s to all 1s and vice versa) in the input register of the other DAC. It is expressed in nV-s. Analog Crosstalk The glitch impulse transferred to the output of one DAC due to a change in the output of another DAC. It is measured by loading one of the input registers with a full-scale code change (all 0s to all 1s and vice versa), while keeping LDAC high. Then pulse LDAC low and monitor the output of the DAC whose digital code was not changed. The area of the glitch is expressed in nV-s. Channel-to-Channel Isolation The proportion of input signal from the reference input of one DAC that appears at the output of the other DAC. It is expressed in dB. Total Harmonic Distortion (THD) The DAC is driven by an ac reference. The ratio of the rms sum of the harmonics of the DAC output to the fundamental value is the THD. Usually only the lower-order harmonics are included, such as second to fifth.
THD = 20 log
(V22 +V32 + V42 + V52 )
V1
Intermodulation Distortion The DAC is driven by two combined sine wave references of frequencies fa and fb. Distortion products are produced at sum and difference frequencies of mfa nfb, where m, n = 0, 1, 2, 3... Intermodulation terms are those for which m or n is not equal to zero. The second-order terms include (fa + fb) and (fa - fb) and the third-order terms are (2fa + fb), (2fa - fb), (f + 2fa + 2fb) and (fa - 2fb). IMD is defined as
IMD = 20 log
(rms sum of the sum and diff distortion products )
rms amplitude of the fundamental
Compliance Voltage Range The maximum range of (output) terminal voltage for which the device provides the specified characteristics.
Rev. 0 | Page 9 of 32
AD5429/AD5439/AD5449 TYPICAL PERFORMANCE CHARACTERISTICS
0.20 0.15 0.10 0.05 0 -0.05 -0.10 -0.15
04462-0-007
0.20
TA = 25C VREF = 10V VDD = 5V
0.15 0.10 0.05 0 -0.05 -0.10 -0.15
TA = 25C VREF = 10V VDD = 5V
0
50
100 CODE
150
200
250
0
50
100 CODE
150
200
250
Figure 6. INL vs. Code (8-Bit DAC)
Figure 9. DNL vs. Code (8-Bit DAC)
0.5 0.4 0.3 0.2
DNL (LSB) INL (LSB)
0.5 TA = 25C VREF = 10V VDD = 5V 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4
04462-0-008 04462-0-011 04462-0-012
TA = 25C VREF = 10V VDD = 5V
0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 200 400 CODE 600 800 1000
-0.5 0 200 400 CODE 600 800 1000
Figure 7. INL vs. Code (10-Bit DAC)
Figure 10. DNL vs. Code (10-Bit DAC)
1.0 0.8 0.6 0.4 TA = 25C VREF = 10V VDD = 5V
1.0 0.8 0.6 0.4 TA = 25C VREF = 10V VDD = 5V
0 -0.2 -0.4 -0.6 -0.8
04462-0-009
DNL (LSB)
INL (LSB)
0.2
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 500 1000 1500 2000 CODE 2500 3000 3500 4000
-1.0 0 500 1000 1500 2000 CODE 2500 3000 3500 4000
Figure 8. INL vs. Code (12-Bit DAC)
Figure 11. DNL vs. Code (12-Bit DAC)
Rev. 0 | Page 10 of 32
04462-0-010
-0.20
DNL (LSB)
INL (LSB)
-0.20
AD5429/AD5439/AD5449
0.6 0.5 0.4 MAX INL
8 TA = 25C 7 6
CURRENT (mA)
0.3
5 4 3 2 1 0 0 0.5 1.0 1.5
VDD = 5V
INL (LSB)
0.2 0.1 0 MIN INL -0.1 -0.2
04462-0-013
TA = 25C VREF = 10V VDD = 5V
VDD = 3V VDD = 2.5V
-0.3 2 3 4 5 6 7 8 9 10 REFERENCE VOLTAGE
2.0 2.5 3.0 3.5 INPUT VOLTAGE (V)
4.0
4.5
5.0
Figure 12. INL vs. Reference Voltage
Figure 15. Supply Current vs. Logic Input Voltage
-0.40 TA = 25C VREF = 10V VDD = 5V
1.6 1.4 1.2
-0.45
-0.50
IOUT LEAKAGE (nA)
IOUT1 VDD 5V 1.0 0.8 IOUT1 VDD 3V 0.6 0.4 0.2
04462-0-014
04462-0-023
DNL (LSB)
-0.55
-0.60 MIN DNL -0.65
-0.70 2 3 4 5 6 7 8 9 10 REFERENCE VOLTAGE
0 -40
-20
0
20
40
60
80
100
120
TEMPERATURE (C)
Figure 13. DNL vs. Reference Voltage
Figure 16. IOUT1 Leakage Current vs. Temperature
5 4 3 2 1 0 -1 -2 -3 -4 -5 -60 VREF = 10V
04462-0-015
0.50 0.45 VDD = 5V 0.40 0.35 VDD = 5V TA = 25C
CURRENT (A)
ERROR (mV)
ALL 0s 0.30 0.25 0.20 0.15 0.10 0.05 ALL 1s ALL 0s VDD = 2.5V ALL 1s
VDD = 2.5V
-40
-20
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (C)
TEMPERATURE (C)
Figure 14. Gain Error vs. Temperature
Figure 17. Supply Current vs. Temperature
Rev. 0 | Page 11 of 32
04462-0-024
0 -60
04462-0-022
AD5429/AD5439/AD5449
14 TA = 25C LOADING ZS TO FS VDD = 5V
3
TA = 25C VDD = 5V
12
10
0
IDD (mA)
8
GAIN (dB)
-3
6
VDD = 3V
4 VDD = 2.5V 2
-6
VREF = 2V, AD8038 CC 1.47pF VREF = 2V, AD8038 CC 1pF VREF = 0.15V, AD8038 CC 1pF VREF = 0.15V, AD8038 CC 1.47pF VREF = 3.51V, AD8038 CC 1.8pF 100k 1M FREQUENCY (Hz) 10M 100M
04462-0-028
1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
04462-0-025
0
-9 10k
Figure 18. Supply Current vs. Update Rate
Figure 21. Reference Multiplying Bandwidth vs. Frequency and Compensation Capacitor
0.045 0.040 0.035 VDD = 5V
04462-0-026
1
10
100
1k 10k 100k FREQUENCY (Hz)
1M
10M
100M
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
Figure 19. Reference Multiplying Bandwidth vs. Frequency and Code
Figure 22. Midscale Transition, VREF = 0 V
0.2
-1.68 7FF TO 800H -1.69 TA = 25C VREF = 3.5V AD8038 AMPLIFIER CCOMP = 1.8pF
0
VDD = 5V -1.70
OUTPUT VOLTAGE (V)
-1.71 -1.72 -1.73 -1.74 -1.75 -1.76 800 TO 7FFH VDD = 3V VDD = 5V VDD = 3V
GAIN (dB)
-0.2
-0.4
-0.6
TA = 25C VDD = 5V VREF = 3.5V CCOMP = 1.8pF AD8038 AMPLIFIER
04462-0-027
1
10
100
1k
10k
100k
1M
10M
100M
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (Hz)
TIME (ns)
Figure 20. Reference Multiplying Bandwidth-All 1s Loaded
Figure 23. Midscale Transition, VREF = 3.5 V
Rev. 0 | Page 12 of 32
04462-0-042
-0.8
-1.77
04462-0-041
6 0 -6 -12 -18 -24 -30 -36 -42 -48 -54 -60 -66 -72 -78 -84 -90 -96 -102
TA = 25C LOADING ZS TO FS
OUTPUT VOLTAGE (V)
ALL ON DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
7FF TO 800H
TA = 25C VREF = 0V AD8038 AMPLIFIER CCOMP = 1.8pF
0.030 0.025 VDD = 3V 0.020 0.015 800 TO 7FFH 0.010 0.005 0 -0.005 -0.010 VDD = 5V VDD = 3V
GAIN (dB)
ALL OFF
TA = 25C VDD = 5V VREF = 3.5V INPUT CCOMP = 1.8pF AD8038 AMPLIFIER
AD5429/AD5439/AD5449
20 0 -20 TA = 25C VDD = 3V AMP = AD8038
90 80 MCLK = 5MHz 70 60 MCLK = 10MHz
PSRR (dB)
-40
SFDR (dB)
FULL SCALE
-60 -80
50 40 30 20 MCLK = 25MHz
ZERO SCALE
-100
10
-120
04462-0-043
TA = 25C VREF = 3.5V AD8038 AMPLIFIER 0 100 200 300 400 500 600 700 800 900 1000
04462-0-046
044620-048 04462-0-047
1
10
100
1k
10k
100k
1M
10M
0
FREQUENCY (Hz)
fOUT (kHz)
Figure 24. Power Supply Rejection vs. Frequency
Figure 27. Wideband SFDR vs. fOUT Frequency
-60 TA = 25C VDD = 3V VREF = 3.5V p-p
0 -10 -20
-65
TA = 25C VDD = 5V AMP = AD8038 65k CODES
-70
THD + N (dB)
SFDR (dB)
04462-0-044
-30 -40 -50 -60 -70
-75
-80
-85
-80
-90 1 10 100 1k 10k 100k 1M FREQUENCY (Hz)
-90
0 2 4 6 8 FREQUENCY (MHz) 10 12
Figure 25. THD + Noise vs. Frequency
Figure 28. Wideband SFDR, fOUT = 100 kHz, Clock = 25 MHz
100 MCLK = 1MHz 80
0 -10 -20 -30
TA 25C = VDD = 5V AMP = AD8038 65k CODES
SFDR (dB)
SFDR (dB)
04462-0-045
60
MCLK = 200kHz MCLK = 0.5MHz
-40 -50 -60 -70
40
20 TA = 25C VREF = 3.5V AD8038 AMPLIFIER 0 0 20 40 60 80 100 120 140 160 180 200
-80 -90 -100
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 FREQUENCY (MHz) 4.0 4.5 5.0
fOUT (kHz)
Figure 26. Wideband SFDR vs. fOUT Frequency
Figure 29. Wideband SFDR, fOUT = 500 kHz, Clock = 10 MHz
Rev. 0 | Page 13 of 32
AD5429/AD5439/AD5449
0 -10 -20 -30
SFDR (dB) TA = 25C VDD = 5V AMP = AD8038 65k CODES
0 -10 -20 -30 -40
(dB)
TA 25C = VDD = 3V AMP = AD8038 65k CODES
-40 -50 -60 -70 -80 -90
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 FREQUENCY (MHz) 4.0 4.5 5.0
04462-0-049
-50 -60 -70 -80 -90
-100 70 75 80 85 95 90 100 105 FREQUENCY (MHz) 110 115 120
Figure 30. Wideband SFDR, fOUT = 50 kHz, Clock = 10 MHz
Figure 33. Narrow-Band IMD, fOUT = 90 kHz, 100 kHz, Clock = 10 MHz
0 -10 -20 -30 -40
SFDR (dB)
TA 25C = VDD = 3V AMP = AD8038 65k CODES
0 -10 -20 -30 -40
(dB)
TA 25C = VDD = 5V AMP = AD8038 65k CODES
-50 -60 -70 -80 -90
04462-0-050
-50 -60 -70 -80 -90
-100 250
-100 0 50 100 150 200 250 FREQUENCY (kHz) 300 350 400
300
350
400
450 500 550 600 FREQUENCY (MHz)
650
700
750
Figure 31. Narrow-Band Spectral Response, fOUT = 500 kHz, Clock = 25 MHz
Figure 34. Wideband IMD, fOUT = 90 kHz, 100 kHz, Clock = 25 MHz
20 0 -20
SFDR (dB)
TA 25C = VDD = 3V AMP = AD8038 65k CODES
OUTPUT NOISE (nV/ Hz)
300 ZERO SCALE LOADED TO DAC 250 MIDSCALE LOADED TO DAC FULL SCALE LOADED TO DAC 200
TA = 25C AMP = AD8038
-40 -60 -80
150
100
-100
04462-0-051
50
04462-0-054
-120 50
60
70
80
90 100 110 120 FREQUENCY (MHz)
130
140
150
0 100
1k
10k FREQUENCY (Hz)
100k
Figure 32. Narrow-Band SFDR, fOUT = 100 kHz, Clock = 25 MHz
Figure 35. Output Noise Spectral Density
Rev. 0 | Page 14 of 32
04462-0-053
04462-0-052
AD5429/AD5439/AD5449 GENERAL DESCRIPTION
The AD5429/AD5439/AD5449 are 8-, 10-, and 12-bit dualchannel current output DACs consisting of a standard inverting R-2R ladder configuration. A simplified diagram of one DAC channel for the AD5449 is shown in Figure 36. The feedback resistor RFB has a value of R. The value of R is typically 10 k (minimum 8 k and maximum 12 k). If IOUT1 and IOUT2 are kept at the same potential, a constant current flows in each ladder leg, regardless of digital input code. Therefore, the input resistance presented at VREF is always constant.
R VREFA 2R S1 2R S2 2R S3 2R S12 2R 2R RFBA IOUT1A IOUT2A DAC DATA LATCHES AND DRIVERS
04464-0-006
When an output amplifier is connected in unipolar mode, the output voltage is given by
VOUT = - VREF x D / 2n where D is the fractional representation of the digital word loaded to the DAC, and n is the number of bits. D = 0 to 255 (AD5429) = 0 to 1023 (AD5439) = 0 to 4095 (AD5449) With a fixed 10 V reference, the circuit shown in Figure 37 gives a unipolar 0 V to -10 V output voltage swing. When VIN is an ac signal, the circuit performs 2-quadrant multiplication. Table 5 shows the relationship between digital code and the expected output voltage for unipolar operation for the AD5429.
Table 5. Unipolar Code Table
Digital Input 1111 1111 1000 0000 0000 0001 0000 0000 Analog Output (V) -VREF (4095/4096) -VREF (2048/4096) = -VREF/2 -VREF (1/4096) -VREF (0/4096) = 0
R
R
Figure 36. Simplified Ladder
Access is provided to the VREF, RFB, IOUT1, and IOUT2 terminals of the DACs, making the devices extremely versatile and allowing them to be configured in several operating modes, such as unipolar mode, bipolar output mode, or single-supply mode.
UNIPOLAR MODE
Using a single op amp, these devices can easily be configured to provide 2-quadrant multiplying operation or a unipolar output voltage swing, as shown in Figure 37.
VDD
R2 C1
VDD VREF R1 VREF
AD5429/ AD5439/ AD5449
RFBA IOUT1A IOUT2A GND
A1 VOUT = 0V TO -VREF
SYNC SCLK SDIN
CONTROLLER AGND NOTES: 1. R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED. 2. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED IF A1 IS A HIGH SPEED AMPLIFIER. 3. DAC B OMITTED FOR CLARITY.
04464-0-007
Figure 37. Unipolar Operation
Rev. 0 | Page 15 of 32
AD5429/AD5439/AD5449
BIPOLAR OPERATION
In some applications, it might be necessary to generate full 4-quadrant multiplying operation or a bipolar output swing. This can be easily accomplished by using another external amplifier and three external resistors, as shown in Figure 38. When VIN is an ac signal, the circuit performs 4-quadrant multiplication. When connected in bipolar mode, the output voltage is
VOUT = VREF x D / 2n -1 - VREF
STABILITY
In the I-to-V configuration, the IOUT of the DAC and the inverting node of the op amp must be connected as closely as possible, and proper PCB layout techniques must be employed. Because every code change corresponds to a step function, gain peaking can occur, if the op amp has limited GBP and there is excessive parasitic capacitance at the inverting node. This parasitic capacitance introduces a pole into the open loop response, which can cause ringing or instability in the closedloop applications circuit. As shown in Figure 37 and Figure 38, an optional compensation capacitor, C1, can be added in parallel with RFB for stability. Too small a value of C1 can produce ringing at the output, while too large a value can adversely affect the settling time. C1 should be found empirically, but 1 pF to 2 pF is generally adequate for the compensation.
(
)
where D is the fractional representation of the digital word loaded to the DAC, and n is the number of bits. D = 0 to 255 (AD5429) = 0 to 1023 (AD5439) = 0 to 4095 (AD5449) Table 6 shows the relationship between digital code and the expected output voltage for bipolar operation with the AD5429.
Table 6. Bipolar Code Table
Digital Input 1111 1111 1000 0000 0000 0001 0000 0000 Analog Output (V) +VREF (2047/2048) 0 -VREF (2047/2048) -VREF (2048/2048)
R3 20k VDD R2 C1 R4 10k A2 VOUT = -VREF TO +VREF R5 20k
VDD R1 VREF 10V VREF
AD5429/ AD5439/ AD5449
RFBA IOUT1A IOUT2A GND
A1
SYNC SCLK SDIN
CONTROLLER
AGND NOTES: 1. R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED. ADJUST R1 FOR VOUT = 0V WITH CODE 10000000 LOADED TO DAC. 2. MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS R3 AND R4. 3. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED, IF A1/A2 IS A HIGH SPEED AMPLIFIER. 4. DAC B AND ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 38. Bipolar Operation
Rev. 0 | Page 16 of 32
04464-0-008
AD5429/AD5439/AD5449
SINGLE-SUPPLY APPLICATIONS
Voltage-Switching Mode
Figure 39 shows the DACs operating in voltage-switching mode. The reference voltage, VIN, is applied to the IOUT1 pin, IOUT2 is connected to AGND, and the output voltage is available at the VREF terminal. In this configuration, a positive reference voltage results in a positive output voltage, making single-supply operation possible. The output from the DAC is voltage at a constant impedance (the DAC ladder resistance). Therefore, an op amp is necessary to buffer the output voltage. The reference input no longer sees a constant input impedance, but one that varies with code. So, the voltage input should be driven from a low impedance source. Note that VIN is limited to low voltages, because the switches in the DAC ladder no longer have the same source-drain drive voltage. As a result, their on resistance differs and this degrades the integral linearity of the DAC. Also, VIN must not go negative by more than 0.3 V or an internal diode turns on, exceeding the maximum ratings of the device. In this type of application, the DAC's full range of multiplying capability is lost.
VDD R1 R2
POSITIVE OUTPUT VOLTAGE
The output voltage polarity is opposite to the VREF polarity for dc reference voltages. To achieve a positive voltage output, an applied negative reference to the input of the DAC is preferred over the output inversion through an inverting amplifier because of the resistor's tolerance errors. To generate a negative reference, the reference can be level-shifted by an op amp such that the VOUT and GND pins of the reference become the virtual ground and -2.5 V, respectively, as shown in Figure 40.
VIN
RFB IOUT1 IOUT2
VDD VREF GND VOUT
NOTES: 1. ADDITIONAL PINS OMITTED FOR CLARITY. 2. C1 PHASE COMPENSATION (1pF-2pF) MAY BE REQUIRED IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 39. Single-Supply Voltage-Switching Mode
VDD = +5V
ADR03 VOUT +5V VDD -2.5V 1/2 AD8552
-5V
VIN C1
GND RFB IOUT1
IOUT2 VOUT = 0V TO +2.5V
VREF 8-/10-/12-BIT DAC
GND
1/2 AD8552
Figure 40. Positive Voltage Output with Minimum Components
Rev. 0 | Page 17 of 32
04464-0-010
NOTES 1. ADDITIONAL PINS OMITTED FOR CLARITY. 2. C1 PHASE COMPENSATION (1pF-2pF) MAY BE REQUIRED IF A1 IS A HIGH SPEED AMPLIFIER.
04464-0-009
AD5429/AD5439/AD5449
ADDING GAIN
In applications in which the output voltage is required to be greater than VIN, gain can be added with an additional external amplifier, or it can be achieved in a single stage. Be sure to take into consideration the effect of temperature coefficients of the thin film resistors of the DAC. Simply placing a resistor in series with the RFB resistor causes mismatches in the temperature coefficients, resulting in larger gain temperature coefficient errors. Instead, the circuit of Figure 41 is a recommended method of increasing the gain of the circuit. R1, R2, and R3 should all have similar temperature coefficients, but they need not match the temperature coefficients of the DAC. This approach is recommended in circuits in which gains of > 1 are required. As D is reduced, the output voltage increases. For small values of the digital fraction D, it is important to ensure that the amplifier does not saturate and also that the required accuracy is met. For example, an 8-bit DAC driven with the binary code 0 x 10 (00010000)--that is, 16 decimal--in the circuit of Figure 42 should cause the output voltage to be 16 x VIN. However, if the DAC has a linearity specification of 0.5 LSB, then D can, in fact, have a weight in the range 15.5/256 to 16.5/256, so that the possible output voltage is in the range 15.5 VIN to 16.5 VIN with an error of +3%, even though the DAC itself has a maximum error of 0.2%. DAC leakage current is also a potential error source in divider circuits. The leakage current must be counterbalanced by an opposite current supplied from the op amp through the DAC. Because only a fraction D of the current into the VREF terminal is routed to the IOUT1 terminal, the output voltage has to change as follows: Output Error Voltage Due to DAC Leakage = (Leakage x R)/D where R is the DAC resistance at the VREF terminal. For a DAC leakage current of 10 nA, R = 10 k and a gain (that is, 1/D) of 16, the error voltage is 1.6 mV.
DIVIDER OR PROGRAMMABLE GAIN ELEMENT
Current-steering DACs are very flexible and lend themselves to many different applications. If this type of DAC is connected as the feedback element of an op amp, and RFB is used as the input resistor, as shown in Figure 42, then the output voltage is inversely proportional to the digital input fraction D. For D = 1 - 2n the output voltage is VOUT = - VIN / D = - VIN / (1 - 2
-n
)
VDD
VDD VIN R2 VREF
RFB IOUT1
C1
8-/10-/12-BIT DAC GND
VOUT IOUT2 R3 R2 GAIN = R2 + R3 R2
04464-0-011
R2R3 R1 = R2 + R3 NOTES: 1. ADDITIONAL PINS OMITTED FOR CLARITY. 2. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 41. Increasing Gain of Current Output DAC
VDD VIN RFB IOUT1 IOUT2 GND VREF VDD
VOUT
04464-0-012
NOTE: 1. ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 42. Current-Steering DAC Used as a Divider or Programmable Gain Element
Rev. 0 | Page 18 of 32
AD5429/AD5439/AD5449
REFERENCE SELECTION
When selecting a reference for use with the AD5429/AD5439/ AD5449 family of current output DACs, pay attention to the reference's output voltage temperature coefficient specification. This parameter affects not only the full-scale error, but also the linearity (INL and DNL) performance. The reference temperature coefficient should be consistent with the system accuracy specifications. For example, an 8-bit system required to hold its overall specification to within 1 LSB over the temperature range 0C to 50C dictates that the maximum system drift with temperature should be less than 78 ppm/C. A 12-bit system with the same temperature range to overall specification within 2 LSBs requires a maximum drift of 10 ppm/C. By choosing a precision reference with low output temperature coefficient, this error source can be minimized. Table 7 lists some of the references available from Analog Devices that are suitable for use with this range of current output DACs. output voltage change is superimposed upon the desired change in output between the two codes and gives rise to a differential linearity error, which, if large enough, could cause the DAC to be nonmonotonic. The input bias current of an op amp also generates an offset at the voltage output as a result of the bias current flowing in the feedback resistor RFB. Most op amps have input bias currents low enough to prevent any significant errors in 12-bit applications. Common-mode rejection of the op amp is important in voltage-switching circuits, because it produces a codedependent error at the voltage output of the circuit. Most op amps have adequate common-mode rejection for use at 8-, 10-, and 12-bit resolution. Provided that the DAC switches are driven from true wideband low impedance sources (VIN and AGND), they settle quickly. Consequently, the slew rate and settling time of a voltageswitching DAC circuit is determined largely by the output op amp. To obtain minimum settling time in this configuration, it is important to minimize capacitance at the VREF node (voltage output node in this application) of the DAC. This is done by using low input capacitance buffer amplifiers and careful board design. Most single-supply circuits include ground as part of the analog signal range, which in turns requires an amplifier that can handle rail-to-rail signals. Analog Devices supplies a large range of single-supply amplifiers.
AMPLIFIER SELECTION
The primary requirement for the current-steering mode is an amplifier with low input bias currents and low input offset voltage. The input offset voltage of an op amp is multiplied by the variable gain (due to the code-dependent output resistance of the DAC) of the circuit. A change in this noise gain between two adjacent digital fractions produces a step change in the output voltage due to the amplifier's input offset voltage. This
Table 7. Suitable ADI Precision References Recommended for Use with AD5429/AD5439/AD5449 DACs
Reference ADR01 ADR02 ADR03 ADR425 Output Voltage 10 V 5V 2.5 V 5V Initial Tolerance 0.1% 0.1% 0.2% 0.04% Temperature Drift 3 ppm/C 3 ppm/C 3 ppm/C 3 ppm/C 0.1 Hz to 10 Hz Noise 20 V p-p 10 V p-p 10 V p-p 3.4 V p-p Package SC70, TSOT, SOIC SC70, TSOT, SOIC SC70, TSOT, SOIC MSOP, SOIC
Table 8. Precision ADI Op Amps Suitable for Use with AD5429/AD5439/AD5449 DACs
Part No. OP97 OP1177 AD8551 Max Supply Voltage (V) 20 18 6 VOS (max) V 25 60 5 IB (max) nA 0.1 2 0.05 GBP MHz 0.9 1.3 1.5 Slew Rate V/s 0.2 0.7 0.4
Table 9. High Speed ADI Op Amps Suitable for Use with AD5429/AD5439/AD5449 DACs
Part No. AD8065 AD8021 AD8038 Max Supply Voltage (V) 12 12 5 BW @ ACL (MHz) 145 200 350 Slew Rate (V/s) 180 100 425 VOS (max) V 1500 1000 3000 IB max (nA) 0.01 1000 0.75
Rev. 0 | Page 19 of 32
AD5429/AD5439/AD5449 SERIAL INTERFACE
The AD5429/AD5439/AD5449 have an easy to use, 3-wire interface that is compatible with SPI, QSPI, MICROWIRE, and DSP interface standards. Data is written to the device in 16-bit words. This 16-bit word consists of 4 control bits and either 8, 10, or 12 data bits, as shown in Figure 43, Figure 44, and Figure 45.
SDO Control (SDO1 and SDO2)
The SDO bits enable the user to control the SDO output driver strength, disable the SDO output, or configure it as an opendrain driver. The strength of the SDO driver affects the timing of t12, and, when stronger, allows a faster clock cycle.
Table 10. SDO Control Bits
SDO2 0 0 1 1 SDO1 0 1 0 1 Function Implemented Full SDO driver SDO configured as open-drain Weak SDO driver Disable SDO output
Low Power Serial Interface
To minimize the power consumption of the device, the interface powers up fully only when the device is being written to, that is, on the falling edge of SYNC. The SCLK and DIN input buffers are powered down on the rising edge of SYNC.
DAC Control Bits C3-C0
Control bits C3 to C0 allow control of various functions of the DAC, as shown in Table 11. Default setting of the DAC at power-on are as follows. Data is clocked into the shift register on falling clock edges; daisy-chain mode is enabled. The device powers on with zeroscale load to the DAC register and IOUT lines. The DAC control bits allow the user to adjust certain features at power-on; for example, daisy-chaining can be disabled if not in use, active clock edge can be changed to rising edge, and DAC output can be cleared to either zero scale or midscale. The user can also initiate a readback of the DAC register contents for verification.
Daisy-Chain Control (DSY)
DSY allows the enabling or disabling of daisy-chain mode. A 1 enables daisy-chain mode, and 0 disables daisy-chain mode. When disabled, a readback request is accepted, SDO is automatically enabled, the DAC register contents of the relevant DAC are clocked out on SDO, and, when complete, SDO is disabled again.
Hardware CLR Bit (HCLR)
The default setting for the hardware CLR bit is to clear the registers and DAC output to zero code. A 1 in the HCLR bit allows the CLR pin to clear the DAC outputs to midscale and a 0 clears to zero scale.
Control Register (Control Bits = 1101)
While maintaining software compatibility with the singlechannel current output DACs (AD5426/AD5432/AD5443), these DACs also feature some additional interface functionality. Set the control bits to 1101 to enter control register mode. Figure 46 shows the contents of the control register. The following sections describe the functions of the control register.
DB15 (MSB) C3 C2 C1 C0 DB7 DB6 DB5 DB4 DB3
Active Clock Edge (SCLK)
The default active clock edge is falling edge. Write a 1 to this bit to clock data in on the rising edge, or a 0 for falling edge.
DB0 (LSB)
04464-0-013
DB2
DB1
DB0
0
0
0
0
CONTROL BITS
DATA BITS
Figure 43. AD5429 8-Bit Input Shift Register Contents
DB15 (MSB) C3 C2 C1 C0 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB0 (LSB)
04464-0-014
0
0
CONTROL BITS
DATA BITS
Figure 44. AD5439 10-Bit Input Shift Register Contents
DB15 (MSB) C3 C2 C1 C0 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB0 (LSB)
04464-0-015
DB1
DB0
CONTROL BITS
DATA BITS
Figure 45. AD5449 12-Bit Input Shift Register Contents
Rev. 0 | Page 20 of 32
AD5429/AD5439/AD5449
SYNC Function
SYNC is an edge-triggered input that acts as a frame synchronization signal and chip enable. Data can be transferred into the device only while SYNC is low. To start the serial data transfer, SYNC should be taken low, observing the minimum SYNC falling to SCLK falling edge setup time, t4. transferred from each device's input shift register to the addressed DAC. When control bits = 0000, the device is in no operation mode. This might be useful in daisy-chain applications, in which the user does not wish to change the settings of a particular DAC in the chain. Write 0000 to the control bits for that DAC, and the following data bits are ignored.
Daisy-Chain Mode
Daisy-chain mode is the default power-on mode. To disable the daisy-chain function, write 1001 to the control word. In daisychain mode, the internal gating on SCLK is disabled. The SCLK is continuously applied to the input shift register when SYNC is low. If more than 16 clock pulses are applied, the data ripples out of the shift register and appears on the SDO line. This data is clocked out on the rising edge of SCLK (this is the default, use the control word to change the active edge) and is valid for the next device on the falling edge (default). By connecting this line to the SDIN input on the next device in the chain, a multidevice interface is constructed. For each device in the system, 16 clock pulses are required. Therefore, the total number of clock cycles must equal 16, where N is the total number of devices in the chain. See Figure 3. When the serial transfer to all devices is complete, SYNC should be taken high. This prevents additional data from being clocked into the input shift register. A burst clock containing the exact number of clock cycles can be used and SYNC taken high some time later. After the rising edge of SYNC, data is automatically
Table 11. DAC Control Bits
C3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 C2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 C1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
DB15 (MSB) 1 1 0 1 SDO2 SDO1 DSY HCLR SCLK
Standalone Mode
After power-on, write 1001 to the control word to disable daisychain mode. The first falling edge of SYNC resets a counter that counts the number of serial clocks to ensure that the correct number of bits are shifted in and out of the serial shift registers. A SYNC edge during the 16-bit write cycle causes the device to abort the current write cycle. After the falling edge of the 16th SCLK pulse, data is automatically transferred from the input shift register to the DAC. In order for another serial transfer to take place, the counter must be reset by the falling edge of SYNC.
LDAC Function
The LDAC function allows asynchronous or synchronous updates to the DAC output. The DAC is asynchronously updated when this signal goes low. Alternatively, if this line is held permanently low, an automatic or synchronous update mode is selected, whereby the DAC is updated on the 16th clock falling edge when the device is in standalone mode, or on the rising edge of SYNC when in daisy-chain mode.
C0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
DAC A and B A A A B B B A and B A and B -
Function Implemented No operation (power-on default) Load and update Initiate readback Load input register Load and update Initiate readback Load input register Update DAC outputs Load input registers Daisy chain disable Clock data to shift register on rising edge Clear DAC output to zero scale Clear DAC output to midscale Control word Reserved No operation
DB0 (LSB)
04464-0-016
X
X
X
X
X
X
X
CONTROL BITS
Figure 46. Control Register Loading Sequence
Rev. 0 | Page 21 of 32
AD5429/AD5439/AD5449
Software LDAC Function
Load and update mode can also function as a software update function, irrespective of the voltage level on the LDAC pin. Communication between two devices at a given clock speed is possible when the following specifications are compatible: frame sync delay and frame sync setup-and-hold, data delay and data setup-and-hold, and SCLK width. The DAC interface expects a t4 SYNC falling edge to SCLK falling edge setup time) of 13 ns minimum. See the ADSP-21xx User Manual for details on clock and frame sync frequencies for the SPORT register. Table 12 shows how the SPORT control register must be set up.
Table 12.
Name TFSW INVTFS DTYPE ISCLK TFSR ITFS SLEN Setting 1 1 00 1 1 1 1111 Description Alternate framing Active low frame signal Right-justify data Internal serial clock Frame every word Internal framing signal 16-bit data-word
MICROPROCESSOR INTERFACING
Microprocessor interfacing to this family of DACs is via a serial bus that uses standard protocol compatible with microcontrollers and DSP processors. The communications channel is a 3-wire interface consisting of a clock signal, a data signal, and a synchronization signal. The AD5429/AD5439/AD5449 require a 16-bit word with the default being data valid on the falling edge of SCLK, but this is changeable via the control bits in the data-word.
ADSP-21xx to AD5429/AD5439/AD5449 Interface
The ADSP-21xx family of DSPs is easily interfaced to this family of DACs without the need for extra glue logic. Figure 47 is an example of an SPI interface between the DAC and the ADSP-2191M. SCK of the DSP drives the serial data line, DIN. SYNC is driven from one of the port lines, in this case SPIxSEL.
ADSP-2191*
SPIxSEL MOSI SCK
AD5429/AD5439/ AD5449*
SYNC SDIN SCLK
04464-0-027
80C51/80L51 to AD5429/AD5439/AD5449 Interface
A serial interface between the DAC and the 80C51/80L51 is shown in Figure 49. TxD of the 80C51/80L51drives SCLK of the DAC serial interface, while RxD drives the serial data line, DIN. P1.1 is a bit-programmable pin on the serial port and is used to drive SYNC. When data is to be transmitted to the switch, P1.1 is taken low. The 80C51/80L51 transmit data only in 8-bit bytes; thus, only eight falling clock edges occur in the transmit cycle. To load data correctly to the DAC, P1.1 is left low after the first eight bits are transmitted, and a second write cycle is initiated to transmit the second byte of data. Data on RXD is clocked out of the microcontroller on the rising edge of TXD and is valid on the falling edge. As a result, no glue logic is required between the DAC and microcontroller interface. P1.1 is taken high following the completion of this cycle. The 80C51/80L51 provide the LSB of the SBUF register as the first bit in the data stream. The DAC input register requires its data with the MSB as the first bit received. The transmit routine should take this into account.
80C51*
TxD
RxD
04464-0-028
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 47. ADSP-2191 SPI to AD5429/AD5439/AD5449 Interface
A serial interface between the DAC and DSP SPORT is shown in Figure 48. In this interface example, SPORT0 is used to transfer data to the DAC shift register. Transmission is initiated by writing a word to the Tx register after the SPORT has been enabled. In a write sequence, data is clocked out on each rising edge of the DSP's serial clock and clocked into the DAC input shift register on the falling edge of its SCLK. The update of the DAC output takes place on the rising edge of the SYNC signal.
ADSP-2101/ ADSP-2103/ ADSP-2191*
AD5429/AD5439/ AD5449*
TFS DT SYNC SDIN
AD5429/AD5439/ AD5449*
SCLK
SDIN SYNC
04464-0-029
SCLK
SCLK
P1.1
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 48. ADSP-2101/ADSP-2103/ADSP-2191 SPORT to AD5429/AD5439/AD5449 Interface
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 49. 80C51/80L51 to AD5429/AD5439/AD5449 Interface
Rev. 0 | Page 22 of 32
AD5429/AD5439/AD5449
MC68HC11 to AD5429/AD5439/AD5449 Interface
Figure 50 is an example of a serial interface between the DAC and the MC68HC11 microcontroller. The serial peripheral interface (SPI) on the MC68HC11 is configured for master mode (MSTR) = 1, clock polarity bit (CPOL) = 0, and the clock phase bit (CPHA) = 1. The SPI is configured by writing to the SPI control register (SPCR)--see the 68HC11 User Manual. The SCK of the 68HC11 drives the SCLK of the DAC interface; the MOSI output drives the serial data line (DIN) of the AD5429/AD5439/AD5449. The SYNC signal is derived from a port line (PC7). When data is being transmitted to the AD5429/AD5439/AD5449, the SYNC line is taken low (PC7). Data appearing on the MOSI output is valid on the falling edge of SCK. Serial data from the 68HC11 is transmitted in 8-bit bytes with only 8 falling clock edges occurring in the transmit cycle. Data is transmitted MSB first. To load data to the DAC, PC7 is left low after the first eight bits are transferred, and a second serial write operation is performed to the DAC. PC7 is taken high at the end of this procedure.
MICROWIRE to AD5429/AD5439/AD5449 Interface
Figure 51 shows an interface between the DAC and any MICROWIRE compatible device. Serial data is shifted out on the falling edge of the serial clock, SK, and is clocked into the DAC input shift register on the rising edge of SK, which corresponds to the falling edge of the DAC's SCLK.
MICROWIRE*
SK SO CS
AD5429/AD5439/ AD5449*
SCLK SDIN SYNC
04464-0-031
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 51. MICROWIRE to AD5429/AD5439/AD5449 Interface
PIC16C6x/7x to AD5429/AD5439/AD5449
The PIC16C6x/7x synchronous serial port (SSP) is configured as an SPI master with the clock polarity bit (CKP) = 0. This is done by writing to the synchronous serial port control register (SSPCON). See the PIC16/17 Microcontroller User Manual. In this example, the I/O port RA1 is used to provide a SYNC signal and enable the serial port of the DAC. This microcontroller transfers only eight bits of data during each serial transfer operation; therefore, two consecutive write operations are required. Figure 52 shows the connection diagram.
04464-0-030
MC68HC11*
PC7 SCK MOSI
AD5429/AD5439/ AD5449*
SYNC SCLK SDIN
*ADDITIONAL PINS OMITTED FOR CLARITY
PIC16C6x/7x*
SCK/RC3 SDI/RC4 RA1
Figure 50. MCH68HC11/68L11 to AD5429/AD5439/AD5449 Interface
AD5429/AD5439/ AD5449*
SCLK SDIN SYNC
04464-0-032
If the user wants to verify the data previously written to the input shift register, the SDO line can be connected to MISO of the MC68HC11, and, with SYNC low, the shift register clocks data out on the rising edges of SCLK.
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 52. PIC16C6x/7x to AD5429/AD5439/AD5449 Interface
Rev. 0 | Page 23 of 32
AD5429/AD5439/AD5449 PCB LAYOUT AND POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful consideration of the power supply and ground return layout helps to ensure the rated performance. The printed circuit board on which the DAC is mounted should be designed so that the analog and digital sections are separated and confined to certain areas of the board. If the DAC is in a system in which multiple devices require an AGND to DGND connection, the connection should be made at one point only. The star ground point should be established as close as possible to the device. These DACs should have ample supply bypassing of 10 F in parallel with 0.1 F on the supply located as close to the package as possible, ideally right up against the device. The 0.1 F capacitor should have low effective series resistance (ESR) and effective series inductance (ESI), like the common ceramic types that provide a low impedance path to ground at high frequencies, to handle transient currents due to internal logic switching. Low ESR 1 F to 10 F tantalum or electrolytic capacitors should also be applied at the supplies to minimize transient disturbance and filter out low frequency ripple. Fast switching signals such as clocks should be shielded with digital ground to avoid radiating noise to other parts of the board, and should never be run near the reference inputs. Avoid crossover of digital and analog signals. Traces on opposite sides of the board should run at right angles to each other. This reduces the effects of feedthrough on the board. A microstrip technique is by far the best, but not always possible with a double-sided board. In this technique, the component side of the board is dedicated to the ground plane, while signal traces are placed on the soldered side. It is good practice to employ compact, minimum lead-length PCB layout design. Leads to the input should be as short as possible to minimize IR drops and stray inductance. The PCB metal traces between VREF and RFB should also be matched to minimize gain error. To maximize high frequency performance, the I-to-V amplifier should be located as close to the device as possible.
POWER SUPPLIES FOR THE EVALUATION BOARD
The board requires 12 V and +5 V supplies. The 12 V VDD and VSS are used to power the output amplifier, while the 5 V is used to power the DAC (VDD1) and transceivers (VCC). Both supplies are decoupled to their respective ground plane with 10 F tantalum and 0.1 F ceramic capacitors.
EVALUATION BOARD FOR THE DACS
The evaluation board includes a DAC from the AD5429/ AD5439/AD5449 family and a current-to-voltage amplifier, AD8065. On the evaluation board is a 10 V reference, ADR01. An external reference can also be applied via an SMB input. The evaluation kit consists of a CD-ROM with self-installing PC software to control the DAC. The software allows the user to write a code to the device.
Rev. 0 | Page 24 of 32
VDD1 C2 10F + VDD R3 10k
VDD R2 10k J3 SCLK
VDD 7
VDD R1 10k
U1
12 14 16 15 3 1 2 4 13
3 2 4
V- V+
C1 0.1F C17 1.8pF + VSS C19 0.1F 6 7
C18 10F
P1-3 J4 SDIN SDIN IOUT1B IOUT2B RFBB J6 LDAC IOUT1A 6 LDAC SDO VREFA VREFB GND 5 J8
VREFA
SCLK SCLK
RFBB
8 10 SYNC
TP2 J2 VOUT B
P1-2 J5 SYNC
SDIN
U4
VDD
AD8065AR
C20 10F + C21 0.1F
P1-4 IOUT2A
P1-5 9 B LK2 A SDO CLR J7 CLR 11
LDAC
C7 10F C6 1.8pF + VSS 2 3 4
V- V+
P1-13
P1-6 VREFA J9
VREFB
AD5429/AD5439/ AD5449
C8 0.1F 6
TP1 J1 VOUT A
Figure 53. Schematic of the Evaluation Board
Rev. 0 | Page 25 of 32
VREFB
LK1 B VDD VDD
U3
VDD
7
AD8065AR
C9 10F +
P1-19 P1-20 P1-21 P1-22 P1-23 P1-24 P1-25 P1-26 P1-27 P1-28 P1-29 P1-30
A
VOUT 4
C10 0.1F
P2-3
C11 0.1F C3 10F C13 0.1F + C4 0.1F
3 +V IN
+
C12 10F
U2 5 TRIM
GND
P2-2 +
C14 10F
1 4
C5 0.1F
AGND
P2-1
VSS VDD1
P2-4
C15 0.1F + C16 10F
AD5429/AD5439/AD5449
04464-0-023
AD5429/AD5439/AD5449
Figure 54. Component-Side Artwork
Figure 55. Silkscreen--Component-Side View (Top)
Rev. 0 | Page 26 of 32
04464-0-025
04464-0-024
AD5429/AD5439/AD5449
Figure 56. Solder-Side Artwork
Rev. 0 | Page 27 of 32
04464-0-026
AD5429/AD5439/AD5449 OVERVIEW OF AD54xx DEVICES
Table 13.
Part No. AD5424 AD5426 AD5428 AD5429 AD5450 AD5432 AD5433 AD5439 AD5440 AD5451 AD5443 AD5444 AD5415 AD5445 AD5447 AD5449 AD5452 AD5446 AD5453 AD5553 AD5556 AD5555 AD5557 AD5543 AD5546 AD5545 AD5547 Resolution 8 8 8 8 8 10 10 10 10 10 12 12 12 12 12 12 12 14 14 14 14 14 14 16 16 16 16 No. DACs 1 1 2 2 1 1 1 2 2 1 1 1 2 2 2 2 1 1 1 1 1 2 2 1 1 2 2 INL (LSB) 0.25 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 0.25 1 0.5 1 1 1 1 0.5 1 2 1 1 1 1 2 2 2 2 Interface Parallel Serial Parallel Serial Serial Serial Parallel Serial Parallel Serial Serial Serial Serial Parallel Parallel Serial Serial Serial Serial Serial Parallel Serial Parallel Serial Parallel Serial Parallel Package RU-16, CP-20 RM-10 RU-20 RU-10 RJ-8 RM-10 RU-20, CP-20 RU-16 RU-24 RJ-8 RM-10 RM-8 RU-24 RU-20, CP-20 RU-24 RU-16 RJ-8, RM-8 RM-8 UJ-8, RM-8 RM-8 RU-28 RM-8 RU-38 RM-8 RU-28 RU-16 RU-38 Features 10 MHz BW, 17 ns CS Pulse Width 10 MHz BW, 50 MHz Serial 10 MHz BW, 17 ns CS Pulse Width 10 MHz BW, 50 MHz Serial 10 MHz BW, 50 MHz Serial 10 MHz BW, 50 MHz Serial 10 MHz BW, 17 ns CS Pulse Width 10 MHz BW, 50 MHz Serial 10 MHz BW, 17 ns CS Pulse Width 10 MHz BW, 50 MHz Serial 10 MHz BW, 50 MHz Serial 10 MHz BW, 50 MHz Serial 10 MHz BW, 58 MHz Serial 10 MHz BW, 17 ns CS Pulse Width 10 MHz BW, 17 ns CS Pulse Width 10 MHz BW, 50 MHz Serial 10 MHz BW, 50 MHz Serial 10 MHz BW, 50 MHz Serial 10 MHz BW, 50 MHz Serial 4 MHz BW, 50 MHz Serial Clock 4 MHz BW, 20 ns WR Pulse Width 4 MHz BW, 50 MHz Serial Clock 4 MHz BW, 20 ns WR Pulse Width 4 MHz BW, 50 MHz Serial Clock 4 MHz BW, 20 ns WR Pulse Width 4 MHz BW, 50 MHz Serial Clock 4 MHz BW, 20 ns WR Pulse Width
Rev. 0 | Page 28 of 32
AD5429/AD5439/AD5449 OUTLINE DIMENSIONS
5.10 5.00 4.90
16
9
4.50 4.40 4.30
1 8
6.40 BSC
PIN 1 1.20 MAX 0.20 0.09 0.65 BSC 0.30 0.19 COPLANARITY 0.10 SEATING PLANE 8 0 0.75 0.60 0.45
0.15 0.05
COMPLIANT TO JEDEC STANDARDS MO-153AB
Figure 57. 16-Lead Thin Shrink Small Outline Package [TSSOP] (RU-16) Dimensions shown in millimeters
ORDERING GUIDE
Model AD5429YRU AD5429YRU-REEL AD5429YRU-REEL7 AD5439YRU AD5439YRU-REEL AD5439YRU-REEL7 AD5449YRU AD5449YRU-REEL AD5449YRU-REEL7 EVAL-AD5429EB EVAL-AD5439EB EVAL-AD5449EB Resolution 8 8 8 10 10 10 12 12 12 INL (LSBs) 0.5 0.5 0.5 0.5 0.5 0.5 1 1 1 Temperature Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C Package Description TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP Evaluation Board Evaluation Board Evaluation Board Package Option RU-16 RU-16 RU-16 RU-16 RU-16 RU-16 RU-16 RU-16 RU-16
Rev. 0 | Page 29 of 32
AD5429/AD5439/AD5449 NOTES
Rev. 0 | Page 30 of 32
AD5429/AD5439/AD5449 NOTES
Rev. 0 | Page 31 of 32
AD5429/AD5439/AD5449 NOTES
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D04464-0-7/04(0)
Rev. 0 | Page 32 of 32


▲Up To Search▲   

 
Price & Availability of AD5428

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X